PART |
Description |
Maker |
74HC04D 74HC04PW-T 74HCT04 74HC04DB 74HCT04BQ 74HC |
Hex inverter - Description: Hex Inverter ; Logic switching levels: CMOS ; Number of pins: 14 ; Output drive capability: /- 5.2 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation delay: 7@5V ns; Voltage: 2.0-6.0 V
|
NXP Semiconductors N.V.
|
HCF4502M013TR HCF4502B02 HCF4502 HCF4502BM1 |
4000/14000/40000 SERIES, 6-BIT DRIVER, INVERTED OUTPUT, PDSO16 STROBED HEX INVERTER/BUFFER STROBED HEX INVERTER/BUFFER
|
STMicroelectronics ST Microelectronics
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
MC74LCX06MEL MC74LCX06 MC74LCX06D MC74LCX06DG MC74 |
Low-Voltage CMOS Hex Inverter with Open Drain Outputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Low-Voltage CMOS Hex Inverter with Open Drain Outputs and 5V-Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
74HCU04BQ |
Hex inverter HC/UH SERIES, HEX 1-INPUT INVERT GATE, PQCC14
|
NXP Semiconductors N.V.
|
MC74LVX04DTR2 MC74LVX04DR2 |
Hex Inverter With 5 V−Tolerant Inputs LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
74LS06 HD74LS06 HD74LS06FPSMD HD74LS06PDIP HD74LS0 |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverters Buffers/Drivers with Open Collector High-Voltage output HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS LOGIC GATE|HEX INVERTER|LS-TTL|SOP|14PIN|PLASTIC LOGIC GATE|HEX INVERTER|LS-TTL|DIP|14PIN|PLASTIC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
74LVXU04TTR 74LVXU04 74LVXU04MTR 74LVXU04M |
LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74LVU04BQ115 74LVU04BQ |
Hex inverter; Package: SOT762-1 (DHVQFN14); Container: Reel Pack, SMD, 7" LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PQCC14
|
NXP Semiconductors N.V.
|
MC54HCT14AJ MC54_74HCT14A ON1509 |
Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs HEX SCHMITT-TRIGGER INVERTER WLTH LSTTL COMPATLBLE INPUTS From old datasheet system
|
Motorola, Inc ON Semi
|
74LVX14SJ 74LVX14SJX 74LVX14MTCX 74LVX14MTCXNL 74L |
Low Voltage Hex Inverter with Schmitt Trigger Input LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CD4069UBC CD4069UBC_02 CD4069UBCM CD4069UBCN CD406 |
LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC 逻辑门|六角逆变器|的CMOS |专科| 14PIN |塑料 Inverter Circuits
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|